PART |
Description |
Maker |
DBCIDCC740BS1 DBCIDCC7100BS1 DBCIDCC750BS1 DBCIDCC |
IDC BOX HEADER STRAIGHT
|
Dubilier http://
|
DBCIDCC5S24AS1 DBCIDCC5S34AG1 DBCIDCC634AG1 DBCIDC |
IDC BOX HEADER STRAIGHT IDC BOX HEADER STRAIGHT
|
Dubilier
|
DBCIDCC7S100BGA1 DBCIDCC4422BG1 DBCIDCC7S68BGA1 DB |
IDC BOX HEADER STRAIGHT IDC BOX HEADER STRAIGHT
|
Dubilier
|
ZP7-50-S-G ZP7-50-S-G2T ZP7-10-A-G ZP7-10-A-G2T ZP |
180隆? / 90隆? - TH Dual Row Box Header 180掳 / 90掳 - TH Dual Row Box Header 180° / 90° - TH Dual Row Box Header
|
Yamaichi Electronics Co., Ltd. http://
|
BP12RYT BP02RYE BP12RYE BP02RYT BP05RKE BP05RKT BP |
Side Actuated DIP Switcehs 侧驱动双酯Switcehs POTTING BOX, STYLE A RES 3.9 OHM 5% 1W 2512 Insulation Displacement (IDC) Connector; No. of Contacts:8; Contact Termination:IDC; Gender:Female ECONOLINE: RN - Custom Solutions Available- 1kVDC & 2kVDC Isolation- No Extern. Components Required- UL94V-0 Package Material- No Heatsink Required- Efficiency to 85% Side Actuated DIP Switches
|
Electronic Theatre Controls, Inc. ITT Industries List of Unclassifed Manufacturers ETC List of Unclassifed Man...
|
3334-6660 66F6112 3425-6600 3473-6600 3414-6600 34 |
BUCHSENLEISTE IDC STUFE2 ZUGENTL 60POL BUCHSENLEISTE IDC STUFE2 ZUGENTL 14POL Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits BUCHSENLEISTE IDC STUFE2 10POL BUCHSENLEISTE IDC STUFE2 30POL BUCHSENLEISTE IDC STUFE2 ZUGENTL 40POL BUCHSENLEISTE IDC STUFE2 ZUGENTL 26POL BUCHSENLEISTE IDC的STUFE2 ZUGENTL 26POL
|
3M Company
|
2N3134 2N3299 2N3252 2N3439 2N2854 2N2855 2N3110 2 |
SHROUDED HEADER 14 POS RT ANGLE NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 HEADER, 100MIL, 10PIN, VERTICAL, TH SHROUDED HEADER 10 POS RT ANGLE CONN, HEADER 2X5 PINS .10X.10 CENTERS STRAIGHT SHROUDED,LOW
|
Central Semiconductor C... Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] http://
|
STMM-120-02-S-D-SM-LC |
SHROUDED IDC HEADER & STACKER
|
Samtec, Inc
|
SHF-110-01-L-D-RA ESHF-125-01-L-D-SM-LC ESHF-105-0 |
SHROUDED & EJECTOR IDC HEADER
|
Samtec, Inc
|
MHF26SG MHF10SG |
(MHF10SG - MHF64SG) IDC Shrouded Header with Latches
|
ADAm Tech
|
1761602-5 1761602-9 1761602-8 1761602-7 1761602-6 |
HEADER ASSEMBLY, VERTICAL LOW PROFILE, IDC
|
Tyco Electronics
|
B02B-PAFYK-1A B02B-PAFYK-A PAP-11V-S SM02B-PASS-TB |
2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE 14 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP PA FAMILY SERIES/PA?PAF?PAL CONNECTOR Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
|
JST Mfg. Co., Ltd. J S T MFG CO LTD List of Unclassifed Manufacturers
|
|